Part Number Hot Search : 
F25CPT 10R3SS XRT91L32 A03TKLB 2N5154 PE9912 2614FS 4H560838
Product Description
Full Text Search
 

To Download 74LVC162244 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
74LVC162244A; 74LVCH162244A 16-bit buffer/line driver, 30 series termination resistors; 5 V tolerant input/output; 3-state
Product specification Supersedes data of 1998 Feb 17 2003 Dec 12
Philips Semiconductors
Product specification
16-bit buffer/line driver, 30 series termination resistors; 5 V tolerant input/output; 3-state
FEATURES * 5 V tolerant inputs/outputs for interfacing with 5 V logic * Wide supply voltage range from 1.2 to 3.6 V * CMOS low power consumption * MULTIBYTE flow-through standard pin-out architecture * Low inductance multiple power and ground pins for minimum noise and ground bounce * Direct interface with TTL levels * Inputs accept voltages up to 5.5 V * Integrated 30 termination resistors * All data inputs have bushold (74LVCH162244A only) * Complies with JEDEC standard no. 8-1A * ESD protection: HBM EIA/JESD22-A114-A exceeds 2000 V MM EIA/JESD22-A115-A exceeds 200 V. * Specified from -40 to +85 C and -40 to +125 C. DESCRIPTION
74LVC162244A; 74LVCH162244A
The 74LVC(H)162244A is a high-performance, low power, low voltage, Si-gate CMOS device, superior to most advanced CMOS compatible TTL families. Inputs can be driven from either 3.3 or 5 V devices. In 3-state operation, outputs can handle 5 V. These features allow the use of these devices as a mixed 3.3 and 5 V environment. The 74LVC(H)162244A is a 16-bit non-inverting buffer/line driver with 3-state outputs. The device can be used as four 4-bit buffers, two 8-bit buffers or one 16-bit buffer. The 3-state outputs are controlled by the output enable inputs 1OE, 2OE, 3OE and 4OE. A HIGH on nOE causes the outputs to assume a high-impedance OFF-state. The 74LVCH162244A bushold data inputs eliminates the need for external termination resistors to hold unused inputs. The 74LVC(H)162244A is designed with 30 series termination resistors in both HIGH and LOW output stages to reduce line noise.
QUICK REFERENCE DATA GND = 0 V; Tamb = 25 C; tr = tf 2.5 ns. SYMBOL tPHL/tPLH tPZH/tPZL tPHZ/tPLZ CI CPD PARAMETER propagation delay nAn to nYn 3-state output enable time nOE to nYn 3-state output disable time nOE to nYn input capacitance power dissipation capacitance per gate VCC = 3.3 V; notes 1 and 2 outputs enabled outputs disabled Notes 1. CPD is used to determine the dynamic power dissipation (PD in W). PD = CPD x VCC2 x fi x N + (CL x VCC2 x fo) where: fi = input frequency in MHz; fo = output frequency in MHz; CL = output load capacitance in pF; VCC = supply voltage in Volts; N = total load switching outputs; (CL x VCC2 x fo) = sum of the outputs. 2. The condition is VI = GND to VCC. 12 4.0 pF pF CONDITIONS CL = 50 pF; VCC = 3.3 V CL = 50 pF; VCC = 3.3 V CL = 50 pF; VCC = 3.3 V TYPICAL 3.0 3.5 2.8 5.0 ns ns ns pF UNIT
2003 Dec 12
2
Philips Semiconductors
Product specification
16-bit buffer/line driver, 30 series termination resistors; 5 V tolerant input/output; 3-state
ORDERING INFORMATION PACKAGE TYPE NUMBER 74LVC162244ADL 74LVCH162244ADL 74LVC162244ADGG 74LVCH162244ADGG FUNCTION TABLE See note 1. INPUT nOE L L H Note 1. H = HIGH voltage level; L = LOW voltage level; X = don't care; Z = high-impedance OFF-state. nAn L H X TEMPERATURE RANGE -40 to +125 C -40 to +125 C -40 to +125 C -40 to +125 C PINS 48 48 48 48
74LVC162244A; 74LVCH162244A
PACKAGE MATERIAL SSOP48 SSOP48 TSSOP48 TSSOP48 plastic plastic plastic plastic
CODE SOT370-1 SOT370-1 SOT362-1 SOT362-1
OUTPUT nYn L H Z
2003 Dec 12
3
Philips Semiconductors
Product specification
16-bit buffer/line driver, 30 series termination resistors; 5 V tolerant input/output; 3-state
PINNING PIN 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 SYMBOL 1OE 1Y0 1Y1 GND 1Y2 1Y3 VCC 2Y0 2Y1 GND 2Y2 2Y3 3Y0 3Y1 GND 3Y2 3Y3 VCC 4Y0 4Y1 GND 4Y2 4Y3 4OE 3OE 4A3 4A2 GND 4A1 4A0 VCC 3A3 3A2 GND 3A1 3A0 2A3 DESCRIPTION output enable input (active LOW) data output data output ground (0 V) data output data output supply voltage data output data output ground (0 V) data output data output data output data output ground (0 V) data output data output supply voltage data output data output ground (0 V) data output data output output enable input (active LOW) output enable input (active LOW) data input data input ground (0 V) data input data input supply voltage data input data input ground (0 V) data input data input data input
1OE 1Y0 1Y1 GND 1Y2 1Y3 VCC 2Y0 2Y1
74LVC162244A; 74LVCH162244A
SYMBOL 2A2 GND 2A1 2A0 VCC 1A3 1A2 GND 1A1 1A0 2OE DESCRIPTION data input ground (0 V) data input data input supply voltage data input data input ground (0 V) data input data input output enable input (active LOW)
PIN 38 39 40 41 42 43 44 45 46 47 48
1 2 3 4 5 6 7 8 9
48 2OE 47 1A0 46 1A1 45 GND 44 1A2 43 1A3 42 VCC 41 2A0 40 2A1 39 GND 38 2A2 37 2A3 36 3A0 35 3A1 34 GND 33 3A2 32 3A3 31 VCC 30 4A0 29 4A1 28 GND 27 4A2 26 4A3 25 3OE
001aaa252
GND 10 2Y2 11 2Y3 12 3Y0 13 3Y1 14 GND 15 3Y2 16 3Y3 17 VCC 18 4Y0 19 4Y1 20 GND 21 4Y2 22 4Y3 23 4OE 24
162244A
Fig.1 Pin configuration.
2003 Dec 12
4
Philips Semiconductors
Product specification
16-bit buffer/line driver, 30 series termination resistors; 5 V tolerant input/output; 3-state
74LVC162244A; 74LVCH162244A
47 handbook, halfpage 1A0
2 1Y0 3 1Y1 3A1 3A0
36
13 3Y0
1OE 2OE
1 48 25 24 47 46 44 43 41 40 38 37 36 35 33 32 30 29 27 26
1EN 2EN 3EN 4EN 1 1 2 3 5 6 12 8 9 11 12 13 13 14 16 17 14 19 20 22 23
mna704
46 1A1 44
35
14 3Y1
3OE 4OE
5 1Y2 3A2
1A2
33
16 3Y2
1A0 1A1
1Y0 1Y1 1Y2 1Y3 2Y0 2Y1 2Y2 2Y3 3Y0 3Y1 3Y2 3Y3 4Y0 4Y1 4Y2 4Y3
1A3 1OE
43 1
6 1Y3 3A3 3OE
32 25
17 3Y3
1A2 1A3 2A0 2A1
41 2A0 40 2A1 38
8 2Y0 9 2Y1 11 2Y2 4A2 4A1 4A0
30
19 4Y0
2A2 2A3 3A0
29
20 4Y1
3A1 3A2
2A2
27
22 4Y2
3A3 4A0
2A3 2OE
37 48
12 2Y3 4A3 4OE
26 24
23 4Y3
4A1 4A2 4A3
MNA996
Fig.2 Logic symbol.
Fig.3 Logic symbol (IEEE/IEC).
handbook, halfpage
VCC
data input
to internal circuit
MNA705
Fig.4 Bushold circuit.
2003 Dec 12
5
Philips Semiconductors
Product specification
16-bit buffer/line driver, 30 series termination resistors; 5 V tolerant input/output; 3-state
RECOMMENDED OPERATING CONDITIONS SYMBOL VCC VI VO Tamb tr, tf PARAMETER supply voltage input voltage output voltage operating ambient temperature input rise and fall times output HIGH or LOW state output 3-state in free air VCC = 1.2 to 2.7 V VCC = 2.7 to 3.6 V CONDITIONS for maximum speed performance for low voltage applications MIN. 2.7 1.2 0 0 0 -40 0 0
74LVC162244A; 74LVCH162244A
MAX. 3.6 3.6 5.5 VCC 5.5 +125 20 10 V V V V V C
UNIT
ns/V ns/V
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134); voltages are referenced to GND (ground = 0 V). SYMBOL VCC IIK VI IOK VO IO ICC, IGND Tstg Ptot Notes 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed. 2. Above 60 C the value of Ptot derates linearly with 5.5 mW/K. PARAMETER supply voltage input diode current input voltage output diode current output voltage output source or sink current VCC or GND current storage temperature power dissipation Tamb = -40 to +125 C; note 2 VI < 0 note 1 VO > VCC or VO < 0 output HIGH or LOW state; note 1 output 3-state; note 1 VO = 0 to VCC CONDITIONS - -0.5 - -0.5 -0.5 - - -65 - MIN. -0.5 MAX. +6.5 -50 +6.5 50 VCC + 0.5 +6.5 50 100 +150 500 V mA V mA V V mA mA C mW UNIT
2003 Dec 12
6
Philips Semiconductors
Product specification
16-bit buffer/line driver, 30 series termination resistors; 5 V tolerant input/output; 3-state
DC CHARACTERISTICS At recommended operating conditions; voltages are referenced to GND (ground = 0 V). TEST CONDITIONS SYMBOL PARAMETER OTHER Tamb = -40 to +85 C; note 1 VIH VIL VOH HIGH-level input voltage LOW-level input voltage HIGH-level output voltage VI = VIH or VIL IO = -100 A IO = -6 mA IO = -12 mA VOL LOW-level output voltage VI = VIH or VIL IO = 100 A IO = 6 mA IO = 12 mA ILI IOZ input leakage current 3-state output OFF-state current power off leakage supply current quiescent supply current VI = 5.5 V or GND; note 3 VI = VIH or VIL; VO = 5.5 V or GND; note 3 VI or VO = 5.5 V VI = VCC or GND; IO = 0 2.7 to 3.6 2.7 3.0 3.6 3.6 - - - - - 2.7 to 3.6 2.7 3.0 VCC - 0.2 VCC - 0.5 VCC - 0.8 1.2 2.7 to 3.6 1.2 2.7 to 3.6 VCC 2.0 - - VCC (V) MIN.
74LVC162244A; 74LVCH162244A
TYP.
MAX.
UNIT
- - - - VCC(2) - - GND(2) - - 0.1 0.1
- - GND 0.8 - - - 0.20 0.40 0.55 5 5
V V V V V V V V V V A A
Ioff ICC ICC IBHL IBHH IBHLO IBHHO
0.0 3.6 2.7 to 3.6 3.0 3.0 3.6 3.6
- - - 75 -75 500 -500
0.1 0.1 5(2) - - - -
10 20 500 - - - -
A A A A A A A
additional quiescent supply VI = VCC - 0.6 V; current per input pin IO = 0 bushold LOW sustaining current bushold HIGH sustaining current bushold LOW overdrive current bushold HIGH overdrive current VI = 0.8 V; notes 4 and 5 VI = 2.0 V; notes 4 and 5 notes 4 and 6 notes 4 and 6
2003 Dec 12
7
Philips Semiconductors
Product specification
16-bit buffer/line driver, 30 series termination resistors; 5 V tolerant input/output; 3-state
TEST CONDITIONS SYMBOL PARAMETER OTHER Tamb = -40 to +125 C VIH VIL VOH HIGH-level input voltage LOW-level input voltage HIGH-level output voltage VI = VIH or VIL IO = -100 A IO = -6 mA IO = -12 mA VOL LOW-level output voltage VI = VIH or VIL IO = 100 A IO = 6 mA IO = 12 mA ILI IOZ input leakage current 3-state output OFF-state current power off leakage supply current quiescent supply current VI = 5.5 V or GND; note 3 VI = VIH or VIL; VO = 5.5 V or GND; note 3 VI or VO = 5.5 V VI = VCC or GND; IO = 0 2.7 to 3.6 2.7 3.0 3.6 3.6 - - - - - 2.7 to 3.6 2.7 3.0 VCC - 0.3 VCC - 0.65 VCC - 1 1.2 2.7 to 3.6 1.2 2.7 to 3.6 VCC 2.0 - - VCC (V) MIN.
74LVC162244A; 74LVCH162244A
TYP.
MAX.
UNIT
- - - - - - - - - - - -
- - GND 0.8 - - - 0.3 0.6 0.8 20 20
V V V V V V V V V V A A
Ioff ICC ICC IBHL IBHH IBHLO IBHHO Notes
0.0 3.6 2.7 to 3.6 3.0 3.0 3.6 3.6
- - - 60 -60 500 -500
- - - - - - -
20 80 5000 - - - -
A A A A A A A
additional quiescent supply VI = VCC - 0.6 V; current per input pin IO = 0 bushold LOW sustaining current bushold HIGH sustaining current bushold LOW overdrive current bushold HIGH overdrive current VI = 0.8 V; notes 4 and 5 VI = 2.0 V; notes 4 and 5 notes 4 and 6 notes 4 and 6
1. All typical values are measured Tamb = 25 C. 2. Value is measured at VCC = 3.3 V. 3. For bushold parts, the bushold circuit is switched off when VI > VCC allowing 5.5 V on the input terminal. 4. Valid for data inputs of bushold parts (LVCH162244A) only. For data inputs only, control inputs do not have a bushold circuit. 5. The specified sustaining current at the data input holds the input below the specified VI level. 6. The specified overdrive current at the data input forces the data input to the opposite logic input state.
2003 Dec 12
8
Philips Semiconductors
Product specification
16-bit buffer/line driver, 30 series termination resistors; 5 V tolerant input/output; 3-state
AC CHARACTERISTICS GND = 0 V; tr = tf 2.5 ns; CL = 50 pF; RL = 500 . CONDITIONS SYMBOL PARAMETER WAVEFORMS Tamb = -40 to +85 C; note1 tPHL/tPLH propagation delay nAn to nYn see Figs 5 and 7 1.2 2.7 3.0 to 3.6 tPZH/tPZL 3-state output enable time nOE to nYn see Figs 6 and 7 1.2 2.7 3.0 to 3.6 tPHZ/tPLZ 3-state output disable time nOE to nYn see Figs 6 and 7 1.2 2.7 3.0 to 3.6 Tamb = -40 to +125 C tPHL/tPLH propagation delay nAn to nYn see Figs 5 and 7 1.2 2.7 3.0 to 3.6 tPZH/tPZL 3-state output enable time nOE to nYn see Figs 6 and 7 1.2 2.7 3.0 to 3.6 tPHZ/tPLZ 3-state output disable time nOE to nYn see Figs 6 and 7 1.2 2.7 3.0 to 3.6 Notes 1. All typical values are measured at Tamb = 25 C. 2. Value is measured at VCC = 3.3 V. - 1.0 1.0 - 1.5 1.0 - 1.5 1.5 - 1.0 1.0 - 1.5 1.0 - 1.5 1.5 VCC (V)
74LVC162244A; 74LVCH162244A
MIN.
TYP.
MAX.
UNIT
11.0 - 3.0(2) 15.0 - 3.5(2) 10.0 - 2.8(2) - - - - - - - - -
- 6.7 5.8 - 7.6 6.0 - 4.7 4.5 - 8.5 7.5 - 9.5 7.5 - 6.0 6.0
ns ns ns ns ns ns ns ns ns
ns ns ns ns ns ns ns ns ns
2003 Dec 12
9
Philips Semiconductors
Product specification
16-bit buffer/line driver, 30 series termination resistors; 5 V tolerant input/output; 3-state
AC WAVEFORMS
74LVC162244A; 74LVCH162244A
handbook, halfpage VI
nAn input GND tPLH VOH nYn output VOL
VM
VM
tPHL
VM
VM
MNA171
INPUT VCC 1.2 V 2.7 V 3.0 to 3.6 V VM 0.5 x VCC 1.5 V 1.5 V VCC 2.7 V 2.7 V VI tr = tf 2.5 ns 2.5 ns 2.5 ns
VOL and VOH are typical output voltage drop that occur with the output load.
Fig.5 The input nAn to output nYn propagation delays.
2003 Dec 12
10
Philips Semiconductors
Product specification
16-bit buffer/line driver, 30 series termination resistors; 5 V tolerant input/output; 3-state
74LVC162244A; 74LVCH162244A
handbook, full pagewidth
VI nOE input GND tPLZ VCC output LOW-to-OFF OFF-to-LOW VOL tPHZ VOH output HIGH-to-OFF OFF-to-HIGH GND outputs enabled VY VM VM VX tPZH tPZL VM
outputs disabled
outputs enabled
MNA362
INPUT VCC 1.2 V 2.7 V 3.0 to 3.6 V VM 0.5 x VCC 1.5 V 1.5 V VCC 2.7 V 2.7 V VI tr = tf 2.5 ns 2.5 ns 2.5 ns
VX = VOL + 0.3 V at VCC 2.7 V; VX = VOL + 0.1 V at VCC < 2.7 V; VY = VOH - 0.3 V at VCC 2.7 V; VY = VOH - 0.1 V at VCC < 2.7 V.
VOL and VOH are typical output voltage drop that occur with the output load.
Fig.6 3-state enable and disable times.
2003 Dec 12
11
Philips Semiconductors
Product specification
16-bit buffer/line driver, 30 series termination resistors; 5 V tolerant input/output; 3-state
74LVC162244A; 74LVCH162244A
handbook, full pagewidth
VEXT VCC PULSE GENERATOR VI D.U.T. RT CL RL VO RL
MNA616
VCC 1.2 V 2.7 V 3.0 to 3.6 V Note
VI VCC 2.7 V 2.7 V
CL 50 pF 50 pF 50 pF
RL 500 (1) 500 500
VEXT tPLH/tPHL tPZH/tPHZ open open open GND GND GND tPZL/tPLZ 2 x VCC 2 x VCC 2 x VCC
1. The circuit performs better when RL = 1000 .
Definitions for test circuits: RL = Load resistor. CL = Load capacitance including jig and probe capacitance. RT = Termination resistance should be equal to the output impedance Zo of the pulse generator.
Fig.7 Load circuitry for switching times.
2003 Dec 12
12
Philips Semiconductors
Product specification
16-bit buffer/line driver, 30 series termination resistors; 5 V tolerant input/output; 3-state
PACKAGE OUTLINES
74LVC162244A; 74LVCH162244A
SSOP48: plastic shrink small outline package; 48 leads; body width 7.5 mm
SOT370-1
D
E
A X
c y HE vM A
Z 48 25
Q A2 A1 (A 3) Lp 1 bp 24 wM L detail X A
pin 1 index
e
0
5 scale
10 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A max. 2.8 A1 0.4 0.2 A2 2.35 2.20 A3 0.25 bp 0.3 0.2 c 0.22 0.13 D (1) 16.00 15.75 E (1) 7.6 7.4 e 0.635 HE 10.4 10.1 L 1.4 Lp 1.0 0.6 Q 1.2 1.0 v 0.25 w 0.18 y 0.1 Z (1) 0.85 0.40 8 o 0
o
Note 1. Plastic or metal protrusions of 0.25 mm maximum per side are not included. OUTLINE VERSION SOT370-1 REFERENCES IEC JEDEC MO-118 JEITA EUROPEAN PROJECTION
ISSUE DATE 99-12-27 03-02-19
2003 Dec 12
13
Philips Semiconductors
Product specification
16-bit buffer/line driver, 30 series termination resistors; 5 V tolerant input/output; 3-state
74LVC162244A; 74LVCH162244A
TSSOP48: plastic thin shrink small outline package; 48 leads; body width 6.1 mm
SOT362-1
D
E
A X
c y HE vMA
Z
48
25
Q A2 A1 pin 1 index Lp L (A 3) A
1
e bp
24
wM
detail X
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions). UNIT mm A max. 1.2 A1 0.15 0.05 A2 1.05 0.85 A3 0.25 bp 0.28 0.17 c 0.2 0.1 D (1) 12.6 12.4 E (2) 6.2 6.0 e 0.5 HE 8.3 7.9 L 1 Lp 0.8 0.4 Q 0.50 0.35 v 0.25 w 0.08 y 0.1 Z 0.8 0.4 8 o 0
o
Notes 1. Plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. Plastic interlead protrusions of 0.25 mm maximum per side are not included. OUTLINE VERSION SOT362-1 REFERENCES IEC JEDEC MO-153 JEITA EUROPEAN PROJECTION
ISSUE DATE 99-12-27 03-02-19
2003 Dec 12
14
Philips Semiconductors
Product specification
16-bit buffer/line driver, 30 series termination resistors; 5 V tolerant input/output; 3-state
DATA SHEET STATUS LEVEL I DATA SHEET STATUS(1) Objective data PRODUCT STATUS(2)(3) Development DEFINITION
74LVC162244A; 74LVCH162244A
This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN).
II
Preliminary data Qualification
III
Product data
Production
Notes 1. Please consult the most recently issued data sheet before initiating or completing a design. 2. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. 3. For data sheets describing multiple type numbers, the highest-level product status determines the data sheet status. DEFINITIONS Short-form specification The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification. DISCLAIMERS Life support applications These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes Philips Semiconductors reserves the right to make changes in the products including circuits, standard cells, and/or software described or contained herein in order to improve design and/or performance. When the product is in full production (status `Production'), relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN). Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
2003 Dec 12
15
Philips Semiconductors - a worldwide company
Contact information For additional information please visit http://www.semiconductors.philips.com. Fax: +31 40 27 24825 For sales offices addresses send e-mail to: sales.addresses@www.semiconductors.philips.com.
(c) Koninklijke Philips Electronics N.V. 2003
SCA75
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
R20/04/pp16
Date of release: 2003
Dec 12
Document order number:
9397 750 12455


▲Up To Search▲   

 
Price & Availability of 74LVC162244

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X